PART |
Description |
Maker |
CAT28F002 CAT28F002PI-90BT CAT28F002NI-90BT CAT28F |
90ns 2M-bit CMOS boot block flash memory 150ns 2M-bit CMOS boot block flash memory 120ns 2M-bit CMOS boot block flash memory 2 Megabit CMOS Boot Block Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
E28F004B5T60 E28F004B5T80 28F200B5 E28F400B5B60 E2 |
SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2/ 4/ 8 MBIT SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2 / 4 / 8 MBIT Dual-Slot, PCMCIA Analog Power Controller SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT 1M X 8 FLASH 5V PROM, 90 ns, PDSO48 DIRECTIONAL COUPLER, 20DB, SMT 256K X 8 FLASH 5V PROM, 70 ns, PDSO48 SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT 1M X 8 FLASH 5V PROM, 80 ns, PDSO48
|
Intel Corporation Intel Corp. Intel, Corp.
|
A28F400BR-TB A28F400BR-B AB28F400BR-T80 AB28F400BR |
4-MBIT (256K X 16/ 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Toggle Switch; Circuitry:DPDT; Switch Operation:On-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-Mbit (256K x 16, 512K x 8) SmartVoltage boot block flash memory. Access speed 80 ns
|
Intel Corporation Intel Corp.
|
GT28F160F3B120 GT28F160F3B95 GT28F160F3T120 GT28F1 |
FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
|
INTEL[Intel Corporation]
|
28F200B5 E28F400B5-B60 E28F400B5-T60 TB28F400B5B80 |
5V Boot Block Flash Memory(5 V 引导块闪速存储器) 512K X 8 FLASH 5V PROM, 70 ns, PDSO48 5 VOLT BOOT BLOCK FLASH MEMORY 1M X 8 FLASH 5V PROM, 80 ns, PDSO48
|
Intel Corp. Intel Corporation
|
LH28F320S5H-L |
32M-BIT ( 2Mbit x16 / 4Mbit x8 )Boot Block Flash MEMORY(32M 2Mx16 / 4Mx8 )Boot Block 闪速存储器)
|
Sharp Corporation
|
M29F002B M29F002 M29F002T-1 M29F002NT M29F002T 516 |
2 Mbit 256Kb x8 / Boot Block Single Supply Flash Memory 2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory 2 Mbit 256Kb x8 Boot Block Single Supply Flash Memory 2 Mbit (256Kb x8, Boot Block) Single Supply Flash Memory From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M29W200 M29W200BB M29W200BT M29W200BB70N6T M29W200 |
2 Mbit 256Kb x8 or 128Kb x16 / Boot Block Low Voltage Single Supply Flash Memory KPSE 19C 19#20 PIN RECP 2 Mbit 256Kb x8 or 128Kb x16, Boot Block Low Voltage Single Supply Flash Memory 2兆位56Kb x828KB的x16插槽,引导块低压单电源闪
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
M29W004B M29W004B-100N1TR M29W004B-100N5TR M29W004 |
NOT FOR NEW DESIGN - 4 MBIT (512KB X8, BOOT BLOCK) LOW VOLTAGE SINGLE SUPPLY FLASH MEMORY 4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
PC28F160C3 |
Advanced Boot Block Flash Memory
|
Intel
|
RC28F320C3TA100 GE28F800C3TA90 GT28F160C3BA110 GT2 |
Advanced Boot Block Flash Memory (C3)
|
Intel Corporation
|